Part Number Hot Search : 
44025 ST121032 PS1003 LT3465A 88523 CJD122 28128 1A71B
Product Description
Full Text Search
 

To Download STPS16170C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPS16170C
High voltage power Schottky rectifier
Main product characteristics
IF(AV) VRRM Tj VF (typ) 2x8A 170 V 175 C 0.70 V
A1 K A2
Features and benefits

A2 K A1
TO-220AB STPS16170CT
2
A2 A1 K
I PAK STPS16170CR
High junction temperature capability Good trade-off between leakage current and forward voltage drop Low leakage current Avalanche capability specified
K A2 A1
DPAK STPS16170CB
K A2 A1
D2PAK STPS16170CG
Description
Dual centre tab Schottky rectifier designed for high frequency switch mode power supplies.
Order codes
Part Number STPS16170CT STPS16170CG STPS16170CG-TR STPS16170CR STPS16170CB-TR STPS16170CB Marking STPS16170CT STPS16170CG STPS16170CG STPS16170CR PS16170CB PS16170CB
July 2006
Rev 1
www.st.com
1/10
Characteristics
STPS16170C
1
Table 1.
Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt
1.
Characteristics
Absolute ratings (limiting values per diode, Tamb = 25 C unless otherwise specified)
Parameter Repetitive peak reverse voltage RMS forward current Average forward current, = 0.5 Tc = 150 C Per diode Total package Surge non repetitive forward current Releative peak avalanche power Storage temperature range Maximum operating junction temperature(1) Critical rate of rise of reverse voltage
thermal runaway condition for a diode on its own heatsink
Value 170 20 8
Unit V A A
16
tp = 10 ms Sinusoidal Tj = 25 C
tp = 1s
75 4700 -65 to + 175 175 10 000
A W C C V/s
dP tot 1 -------------- < ------------------------dT j R th ( j - a )
Table 2.
Symbol Rth(j-c) Rth(c)
Thermal parameters
Parameter Per diode Junction to case Total Coupling 1.8 0.6 C/W Value 3 Unit
Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 125 C Tj = 25 C VR = VRRM Min. Typ Max. 15 15 0.92 IF = 8 A 0.70 0.75 V 1 IF = 16 A 0.8 0.86 Unit A mA
VF(2)
Forward voltage drop
Tj = 125 C Tj = 25 C Tj = 125 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 0.64 x IF(AV) + 0.014 x IF2(RMS)
2/10
STPS16170C
Characteristics
Figure 1.
Conduction losses versus average Figure 2. forward current (per diode)
Average forward current versus ambient temperature ( = 0.5, per diode)
PF(AV)(W)
8 7 6 5 4 3 2 1 IF(AV)(A) 0 0 1 2 3 4 5 6 7 8 9 10
T
=0.05 =0.1 =0.2 =0.5 =1
IF(av)(A) 9 8 7 6 5 4 3 2 1 0
Rth(j-a)=Rth(j-c)
Rth(j-a)=15C/W
T
=tp/T
tp
=tp/T
tp
Tamb(C) 50 75 100 125 150 175
0
25
Figure 3.
Normalized avalanche power derating versus pulse duration
Figure 4.
Normalized avalanche power derating versus junction temperature
PARM(tp) PARM(1s)
1
1.2 1
PARM(tp) PARM(25C)
0.1
0.8 0.6 0.4 0.2
0.01
0.001 0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 25 50 75 100 125 150
Figure 5.
Non repetitive surge peak forward current versus overload duration (maximum values, per diode)
Figure 6.
Relative variation of thermal impedance junction to case versus pulse duration
120
IM(A)
Zth(j-c)/Rth(j-c)
1.0
Single pulse TO-220AB DPAK IPAK DPAK
100
80
TC=50C
60
40
TC=75C
20
IM t =0.5
TC=125C
t(s) 1.E-02 1.E-01 1.E+00
tp(s) 0.1 1.E-03 1.E-02 1.E-01 1.E+00
0 1.E-03
3/10
Characteristics
STPS16170C
Figure 7.
Reverse leakage current versus reverse voltage applied (typical values, per diode)
Tj=175C
Figure 8.
Junction capacitance versus reverse voltage applied (typical values, per diode)
F=1MHz VOSC=30mVRMS Tj=25C
1.E+05
IR(A)
C(pF)
1000
1.E+04
Tj=150C
1.E+03
Tj=125C
1.E+02
Tj=75C
100
1.E+01
1.E+00
Tj=25C
1.E-01 0 25 50 75 100
VR(V) 125 150 175
VR(V) 10 1 10 100 1000
Figure 9.
Forward voltage drop versus forward current (per diode)
Figure 10. Thermal resistance junction to ambient versus copper surface under tab (epoxy printed board FR4, Cu = 35 m - DPAK)
Rth(j-a) (C/W)
100
DPAK
100.0 90.0 80.0 70.0 60.0 50.0 40.0 30.0 20.0 10.0 0.0
IFM(A)
90 80
Tj=125C (Maximum values)
70 60 50
Tj=125C (Typical values)
40
Tj=25C (Maximum values)
30 20
VFM(V) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
10 0 0 5 10 15 SCU(cm) 20 25 30 35 40
Figure 11. Thermal resistance junction to ambient versus copper surface under tab (epoxy printed board FR4, Cu = 35 m - D2PAK)
Rth(j-a) (C/W)
80
DPAK
70 60 50 40 30 20 10 SCU(cm) 0 0 5 10 15 20 25 30 35 40
4/10
STPS16170C
Package information
2
Package information
Epoxy meets UL94, V0 Table 4. T0-220AB dimensions
Dimensions Ref. Millimeters Min.
H2 Dia L5 L7 L6 L2 F2 F1 L9 L4 F D C A
Inches Min. Max.
Max. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70
A C D E F F1 F2 G G1 H2 L2 L4
4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10
0.173 0.181 0.048 0.051 0.094 0.107 0.019 0.027 0.024 0.034 0.044 0.066 0.044 0.066 0.194 0.202 0.094 0.106
10.40 0.393 0.409 0.645 typ. 0.511 0.551 0.104 0.116
16.4 typ. 13 2.65 14 2.95
G1 G
M E
L5 L6 L7 L9 M Diam.
15.25 15.75 0.600 0.620 6.20 3.50 6.60 3.93 0.244 0.259 0.137 0.154 0.102 typ. 0.147 0.151
2.6 typ. 3.75 3.85
5/10
Package information Table 5. I2PAK dimensions
STPS16170C
Dimensions Ref. Millimeters Min.
A E L2 c2
Inches Min. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.195 0.394 0.512 0.138 0.050 Max. 0.181 0.107 0.035 0.067 0.028 0.052 0.368 0.106 0.203 0.409 0.551 0.155 0.055
Max. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40
A A1 b b1
4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27
D
c c2
L1 L b1
A1
D e e1 E
b e e1
c
L L1 L2
6/10
STPS16170C Table 6. DPAK dimensions
Package information
Dimensions Ref. Millimeters Min.
E B2 L2 C2 A
Inches Min. 0.086 0.035 0.001 0.025 0.204 0.017 0.018 0.236 0.251 0.173 0.368 Max. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.259 0.181 0.397
Max 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10
A A1 A2 B
D
2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35
B2 C C2
H L4 B G A1
R
R C
D E G
A2 0.60 MIN.
H L2
V2
0.80 typ. 0.60 0 1.00 8
0.031 typ. 0.023 0 0.039 8
L4 V2
Figure 12. DPAK footprint (dimensions in mm)
6.7
3
3
1.6
2.3 6.7 2.3
1.6
7/10
Package information Table 7. D2PAK dimensions
STPS16170C
Dimensions Ref. Millimeters Min. A
A E L2 C2
Inches Min. 0.173 0.098 0.001 0.027 0.045 0.017 0.048 0.352 0.393 0.192 0.590 0.050 0.055 0.094 Max. 0.181 0.106 0.009 0.037 0.067 0.024 0.054 0.368 0.409 0.208 0.624 0.055 0.069 0.126
Max 4.60 2.69 0.23 0.93 1.70 0.60 1.36 9.35 10.40 5.28 15.85 1.40 1.75 3.20
4.40 2.49 0.03 0.70 1.14 0.45 1.23 8.95 10.00 4.88 15.00 1.27 1.40 2.40
A1 A2 B
D
B2 C
L L3 A1 B2 B R
C2
C
D E
G
G
A2
L L2
M
*
V2
L3 M R V2
* FLAT ZONE NO LESS THAN 2mm
0.40 typ. 0 8
0.016 typ. 0 8
Figure 13. D2PAK footprint (dimensions in mm)
16.90
10.30 1.30
5.08
8.90
3.70
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
8/10
STPS16170C
Ordering information
3
Ordering information
Part Number STPS16170CT STPS16170CG STPS16170CG-TR STPS16170CR STPS16170CB-TR STPS16170CB Marking STPS16170CT STPS16170CG STPS16170CG STPS16170CR PS16170CB PS16170CB Package TO-220ABB D PAK D2PAK I PAK DPAK DPAK
2 2
Weight 2.23 g 1.48 g 1.48 g 1.49 g 0.3 g 0.3 g
Base qty 50 50 1000 50 2500 75
Delivery mode Tube Tube Tape and reel Tube Tape and reel Tube
4
Revision history
Date 13-Jul-2006 Revision 1 First issue Description of Changes
9/10
STPS16170C
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STPS16170C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X